Part Number Hot Search : 
MPSA26 TPC8087 BU2522 BPC1010 CX2024 TSA5512T MC1651 HY8N50T
Product Description
Full Text Search
 

To Download LFSW300600-20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTELLIGENT INTERACTIVE SYNTHESIZER SURFACE MOUNT MODEL: LFSW300600-20
wide bandwidth
FEATURES: exceptionally Low Phase noise interactive Communication Standard Programming interface Ultra wide tuning Range Lead Free - RohS Compliant Patent Pending ReL-PRO(R) technology Small Size, Surface Mount buffered Output
Phase noise
-60 -70 -80
3000 - 6000 MHz
Phase Noise (dBc/Hz)
-90 -100 -110 -120 -130 -140 -150 -160 100 1000 10000 100000 1000000 10000000 100000000
Offset Frequency (Hz) 3000 MHz 4500 MHz 6000 MHz
SPECIFICATIONS (Rev. A 05/01/08) Frequency Step Size Reference input Frequency Reference input Voltage bias Voltage Output Power Spurious Suppression harmonic Suppression Settling time Output impedance typical Phase noise 3000 - 6000 MHz 200 kHz 100 MHz * 1 V p-p to 3.3 V p-p Vcc Digital VCO Converter +5 dBm (Min.) 60 dB (Typ.) 15 dB (Typ.) 15 mSec (Typ.) ** 50 Ohms (Nom.) Offset @ 1 kHz @ 10 kHz @ 100 kHz Phase Noise -75 dbc/Hz -73 dbc/Hz -98 dbc/Hz V (Vdc) +5 +5 +5 I (mA Max.) 35 45 65 Package # 197LF
Operating temperature Range -20 to +70 C Programming See Application Note: AN7100 * Reference input frequency is programmable in multiples of the step size, from 10 MHz to 150 MHz. 100 MHz is the default setting. ** From the rising edge of LE to stable lock detect Absolute Maximum Ratings Storage temp. Range bias Voltage (digital) bias Voltage (VCO) bias Voltage (Converter) dC Voltage applied to RF Out -55 to +125 C +5.25 V +5.5 V +8 V 25 V
Pin 5 - RF out Pin 7 - Lock Detect Out * Pin 9 - Data In Pin 10 - Error Flag Pin 11 - Clock In Pin 13 - VCO (On/Off)**** Pin 16 - Reset ** Pin 19 - Latch Enable In Pin 21 - Ref. In Pin 23 - Vcc (Digital) Pin 24 - Vtune (Output) Pin 25 - Vcc (VCO) Pin 26 - Vout (Converter) *** Pin 27 - Vcc (Tune) ***
Pin-Out
Pin 28 - Vcc (Converter) Pin 8,12,14,15,17 - NC All Others - Ground NC - No Connection
* High when locked (source/sink 500 uA) ** A low on this input will reset the internal controller. Leave unconnected for normal operation. *** Connect externally. Bypassed with a 10uF 35V tantalum capacitor. **** NC if unused.
INTELLIGENT INTERACTIVE SYNTHESIZER SURFACE MOUNT MODEL: LFSW300600-20
wide bandwidth
haRMOniC SUPPReSSiOn
* RBW 300 kHz * VBW 20 kHz
3000 - 6000 MHz
Ref
20 10 1 AP CLRWR 0 -10 -20 -30 -40 -50 -60 -70 -80
20 dBm
Att
45 dB
SWT 4.1 s
Delta 4 [T1 ] -50.69 dB 23.317307692 GHz Marker 1 [T1 ] 12.31 2.988381410 Delta 2 [T1 ] -39.82 5.984775641 Delta 3 [T1 ] -44.16 9.016025641 Delta 1 [T1 ] -15.80 2.992387821
1
PERFORMANCE PLOTS
dBm GHz dB GHz dB GHz dB GHz
SGL
A
1
2
3 4
Start 2.25 GHz
2.425 GHz/
Stop 26.5 GHz
Date: 17.APR.2008
18:53:21
ReFeRenCe Sideband SUPPReSSiOn
* RBW 500 Hz * VBW 1 kHz
Ref
20 10 1 AP CLRWR 0 -10 -20 -30 -40 -50 -60 -70 -80
20 dBm
Att
45 dB 1
SWT 12 s
Delta 4 [T1 ] -82.10 dB -400.000000000 kHz Marker 1 [T1 ] 12.32 3.000000000 Delta 2 [T1 ] -80.13 400.000000000 Delta 3 [T1 ] -64.97 -200.000000000 Delta 1 [T1 ] -66.00 200.000000000 dBm GHz dB kHz dB kHz dB kHz
SGL
A
3
1
4
2
Center
3 GHz
300 kHz/
Span 3 MHz
Date: 17.APR.2008
18:48:41
INTELLIGENT INTERACTIVE SYNTHESIZER SURFACE MOUNT MODEL: LFSW300600-20
wide bandwidth
ReFeRenCe Sideband SUPPReSSiOn
* RBW 2 kHz * VBW 2 kHz
3000 - 6000 MHz
Ref
20 10 1 AP CLRWR 0 -10 -20 -30 -40 -50 -60 4 -70 -80
20 dBm
Att
45 dB 1
SWT 115 s
Delta 4 [T1 ] -74.81 dB -200.000000000 MHz Marker 1 [T1 ] 12.52 3.000000000 Delta 2 [T1 ] -74.88 200.000000000 Delta 3 [T1 ] -74.86 -100.000000000 dBm GHz dB MHz dB MHz
PERFORMANCE PLOTS
SGL
A
3
2
Center
3 GHz
45 MHz/
Span 450 MHz
Date: 17.APR.2008
18:48:26
INTELLIGENT INTERACTIVE SYNTHESIZER SURFACE MOUNT MODEL: LFSW300600-20
wide bandwidth
haRMOniC SUPPReSSiOn
* RBW 300 kHz * VBW 20 kHz
3000 - 6000 MHz
Ref
20 10 1 AP CLRWR 0 -10 -20 -30 -40 4 -50 -60 -70 -80
20 dBm 1
Att
45 dB
SWT 4.1 s
Delta 4 [T1 ] -52.17 dB -932.692307692 MHz Marker 1 [T1 ] 9.59 4.504006410 Delta 2 [T1 ] -38.10 8.977163462 Delta 3 [T1 ] -48.68 21.840544872 Delta 1 [T1 ] -32.17 4.469150641
PERFORMANCE PLOTS
dBm GHz dB GHz dB GHz dB GHz
SGL
A
1 2
3
Start 2.25 GHz
2.425 GHz/
Stop 26.5 GHz
Date: 17.APR.2008
18:53:26
ReFeRenCe Sideband SUPPReSSiOn
* RBW 500 Hz * VBW 1 kHz
Ref
20 10 1 AP CLRWR 0 -10 -20 -30 -40 -50 -60 -70 -80
20 dBm
Att
45 dB 1
SWT 12 s
Delta 4 [T1 ] -82.63 dB -400.000000000 kHz Marker 1 [T1 ] 9.67 4.500000000 Delta 2 [T1 ] -78.63 400.000000000 Delta 3 [T1 ] -75.79 -200.000000000 Delta 1 [T1 ] -70.37 200.000000000 dBm GHz dB kHz dB kHz dB kHz
SGL
A
1 3 4 2
Center
4.5 GHz
300 kHz/
Span 3 MHz
Date: 17.APR.2008
18:50:56
INTELLIGENT INTERACTIVE SYNTHESIZER SURFACE MOUNT MODEL: LFSW300600-20
wide bandwidth
ReFeRenCe Sideband SUPPReSSiOn
* RBW 2 kHz * VBW 2 kHz
3000 - 6000 MHz
Ref
20 10 1 AP CLRWR 0 -10 -20 -30 -40 -50 -60 -70 -80
20 dBm
Att
45 dB 1
SWT 115 s
Delta 4 [T1 ] -75.43 dB -200.000000000 MHz Marker 1 [T1 ] 9.82 4.500000000 Delta 2 [T1 ] -73.52 200.000000000 Delta 3 [T1 ] -75.29 -100.000000000 dBm GHz dB MHz dB MHz
PERFORMANCE PLOTS
SGL
A
4
3
2
Center
4.5 GHz
45 MHz/
Span 450 MHz
Date: 17.APR.2008
18:50:41
INTELLIGENT INTERACTIVE SYNTHESIZER SURFACE MOUNT MODEL: LFSW300600-20
wide bandwidth
haRMOniC SUPPReSSiOn
* RBW 300 kHz * VBW 20 kHz
3000 - 6000 MHz
Ref
20 10 1 AP CLRWR 0 -10 -20 -30 -40 -50 -60 -70 -80
20 dBm
Att
45 dB
SWT 4.1 s
Delta 3 [T1 ] -47.66 dB -2.487179487 GHz Marker 1 [T1 ] 6.49 5.980769231 Delta 2 [T1 ] -44.74 18.887019231 Delta 1 [T1 ] -43.37 6.023637821
PERFORMANCE PLOTS
1
dBm GHz dB GHz dB GHz
SGL
A
3
1
2
Start 2.25 GHz
2.425 GHz/
Stop 26.5 GHz
Date: 17.APR.2008
18:53:32
ReFeRenCe Sideband SUPPReSSiOn
* RBW 500 Hz * VBW 1 kHz
Ref
20 10 1 AP CLRWR 0 -10 -20 -30 -40 -50 -60 -70 -80
20 dBm
Att
45 dB
SWT 12 s
Delta 4 [T1 ] -77.84 dB -400.000000000 kHz Marker 1 [T1 ] 6.52 6.000000000 Delta 2 [T1 ] -74.79 400.000000000 Delta 3 [T1 ] -70.08 -200.000000000 Delta 1 [T1 ] -69.49 200.000000000 dBm GHz dB kHz dB kHz dB kHz
1
SGL
A
3 4
1 2
Center
6 GHz
300 kHz/
Span 3 MHz
Date: 17.APR.2008
18:53:11
INTELLIGENT INTERACTIVE SYNTHESIZER SURFACE MOUNT MODEL: LFSW300600-20
wide bandwidth
ReFeRenCe Sideband SUPPReSSiOn
* RBW 2 kHz * VBW 2 kHz
3000 - 6000 MHz
Ref
20 10 1 AP CLRWR 0 -10 -20 -30 -40 -50 -60 4 -70 -80
20 dBm
Att
45 dB
SWT 115 s
Delta 4 [T1 ] -69.89 dB -200.000000000 MHz Marker 1 [T1 ] 6.66 6.000000000 Delta 2 [T1 ] -71.28 200.000000000 Delta 3 [T1 ] -72.03 -100.000000000 dBm GHz dB MHz dB MHz
PERFORMANCE PLOTS
1
SGL
A
3
2
Center
6 GHz
45 MHz/
Span 450 MHz
Date: 17.APR.2008
18:52:55


▲Up To Search▲   

 
Price & Availability of LFSW300600-20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X